PART |
Description |
Maker |
72968 |
SMA T TYPE, JACK (F) / JACK (F) / JACK (F) RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
LGP3331 LGY2502 LGP1331 |
10.5V, DC POWER PLUG OR JACK RCA, JACK 6.3V, DC POWER PLUG OR JACK
|
SMK CORP
|
722A |
Jack Socket; Plug Diameter:0.080; Contact Termination:Solder; Leaded Process Compatible:Yes; Number of Contacts:2; Peak Reflow Compatible (260 C):Yes 12V, 5A, 1.93mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
73412-0032 |
75 Ohms, BNC Jack to Jack Adapter, Bulkhead, One Piece Per Bag
|
Molex Electronics Ltd.
|
95552-2887 |
TE TH IN.SHIELD JACK 8/8 8 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Molex, Inc.
|
96703-0002 |
HRN-616M-TEL JACK ASSY 2 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Molex, Inc.
|
SS-73100-012 |
HIGH PERFORMANCE SHIELDED STACK JACK 8 CONTACTS / 8 POSITIONS, 12 PORTS (6 ON 6) 96 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
THA101 |
HN PLUG-JACK-JACK TEE ADAPTER
|
List of Unclassifed Manufacturers
|
85513-5011 85513-5012 |
VERT. LOW PROF TRUE SMT JACK 6/4 22 RE 4 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK VERT. LOW PROF TRUE SMT JACK 4/4 22 INCH
|
Molex, Inc. MOLEX INC
|
|